PART |
Description |
Maker |
SY100S838ZCTR SY100S838ZC SY100S838LZITR SY100S838 |
(÷1, ÷2/3) OR (÷2, ÷4/6) CLOCK GENERATION CHIP (1 2/3) OR (2 4/6) CLOCK GENERATION CHIP SMD-RELAY,2FORMC,5V,1A,140MW,S-S STB,10P SOLDER WALL MT RECPT CAP 0.018UF 500V 10% X7R SMD-1210 TR-7 PLATED-NI/SN (±1, ±2/3) OR (±2, ±4/6) CLOCK GENERATION CHIP 100S SERIES, LOW SKEW CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO20
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
MC100EL34 MC100EL34D MC10EL34 MC10EL34D ON0669 MC1 |
2 / 4 / 8 Clock Generation Chip 2,4,8 Clock Generation Chip 2, 4, 8 Clock Generation Chip From old datasheet system ±2,±4,±8 Clock Generation Chip
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
M5LV-256_104-10VC M5LV-256_104-10VI M5LV-256_104-1 |
7ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 20ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 10ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 12ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 15ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device)
|
LATTICE[Lattice Semiconductor]
|
MC100EP139 MC100EP139DW MC100EP139DWR2 MC100EP139D |
±2/4, ±4./5/6 Clock Generation Chip From old datasheet system 2/4 4./5/6 Clock Generation Chip
|
ONSEMI[ON Semiconductor]
|
APT20GT60KR |
The Thunderbolt IGBT is a new generation of high voltage power IGBTs. Thunderbolt IGBT 600V 40A The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBTis a new generation of high voltage power IGBTs.
|
Advanced Power Technology Ltd.
|
IRG4RC10UPBF IRG4RC10UTRPBF IRG4RC10UPBF-15 |
INSULATED GATE BIPOLAR TRANSISTOR Generation 4 IGBT design provides tighter parameter distribution and higher effciency than previous generation INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|
DLO-50-95 DLO-50 DLO-50-100 DLO-50-50 DLO-50-55 DL |
Voltage-controlled ECL delay line oscillator GATED-DELAY LINE OSCILLATOR SQUARE, 65 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 95 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 85 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 90 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 60 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 80 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 100 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 70 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 50 MHz, WAVEFORM GENERATION, PDIP6 GATED-DELAY LINE OSCILLATOR SQUARE, 55 MHz, WAVEFORM GENERATION, PDIP6
|
Data Delay Devices, Inc... DATADELAY[Data Delay Devices, Inc.]
|
STP25NM60N07 STB25NM60N STB25NM60N-1 STF25NM60N ST |
N-channel 600V - 0.140Ω - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.140Ω - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.140楼? - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh垄芒 Power MOSFET N-channel 600V - 0.140ヘ - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh⑩ Power MOSFET
|
http:// STMicroelectronics
|
TC514400ASJL-70 TC514400ASJL-80 TC514400AJL-10 TC5 |
70 ns, 4-bit generation dynamic RAM 80 ns, 4-bit generation dynamic RAM 100 ns, 4-bit generation dynamic RAM
|
TOSHIBA
|
APT60GT60BR |
The Thunderbolt IGBT?/a> is a new generation of high voltage power IGBTs. The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBT is a new generation of high voltage power IGBTs. Thunderbolt IGBT 600V 116A
|
ADPOW[Advanced Power Technology]
|
APT12GT60BR |
The Thunderbolt IGBT is a new generation of high voltage power IGBTs Thunderbolt IGBT 600V 25A The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs The Thunderbolt IGBT?/a> is a new generation of high voltage power IGBTs
|
ADPOW[Advanced Power Technology]
|